Part Number Hot Search : 
2SK27 SS400 3SRW4CM DTC144EM B140L UPD44 MAX1681 2050CT
Product Description
Full Text Search
 

To Download ML6101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ML6101
ML6101 Series Voltage Monitor Application
Battery Charger Voltage Monitor
Features
CMOS Low Power Consumption : Typical 1.0uAat Vin=2.0V Selectable Monitor V oltage : 1.1V to 6.0V in 0.1V increments HighlyAccurate : Detect V oltage 1.1V to 1.9V + 3% Detect V oltage 2.0V to 6.0V + 2% Operating V oltage : 0.8V to 10.0V PackageAvailable : SOT23 (150mW), SOT89 (500mW) & TO92 (300mW)
General Description
The ML6101 is a group of high-precision and low-power Voltage Monitor. The ML6101 consists of a highly-accurate and low-power reference voltage source, a comparator, a hysteresis circuit, and an output driver. Detect voltage is very accurate and stable with N-channel open drain and CMOS, are available. Output High when the Monitor Voltage goes upto or higher than the user selected Monitor Voltage.
Block Diagram
(1) CMOS Output (2) N-Channel Open Drain Output
Absolute Maximum Ratings
Parameter Input Voltage Output Current Output Voltage Continuous SOT-23 Total Power SOT-89 Dissipation TO-92 Operating Ambient Temperature Storage Temperature Symbol VIN IOUT VOUT Pd Ratings 10 50 VSS-0.3 ~VIN+0.3 150 500 300 Topr Tstg P1/11 -40 ~ +70 -40 ~ +70
o o
Units V mA V mW
C C
Rev. A, June 2005
ML6101
Electrical Characteristics
Parameter Monitor Voltage Hysteresis Range Symbol VMON VHYS Conditions Min Typ VMON = 1.1V to 1.9V VMON X0.97 VMON = 2.0V to 6.0V VMON X0.98 VMON = 1.1V to 2.9V X0.04 VMON X0.05 VMON = 3.0V to 6.0V X0.015 VMON X0.025 VIN = 1.0V 0.8 VIN = 2.0V 1.0 VIN = 3.0V 1.3 VIN = 4.0V 1.6 VIN = 5.0V 2.0 VDF = 1.1~6.0V 0.8 Nch VDS = 0.5V 1.0 VIN = 1.0V 3.0 VIN = 2.0V 5.0 VIN = 3.0V 11.0 VIN = 4.0V 13.0 VIN = 5.0V Pch VDS = 2.1V -10.0 VIN = 8.0V (CMOS Output) While VIN changes from 0.6V to 10V Max Units V X1.03 V X1.02 V X0.06 X0.035 V 2.0 2.5 uA 3.0 3.5 4.0 10.0 V
Supply Current
ISS
Operating Voltage
VIN
Output Current
IOUT
mA
Transient Delay Time (VDR -> VOUT Inversion)
tDLY
0.2
ms
P2/11
Rev. A, June 2005
ML6101
Electrical Characteristics By Detector Threshold
Part Number ML6101X113XX ML6101X123XX ML6101X133XX ML6101X143XX ML6101X153XX ML6101X163XX ML6101X173XX ML6101X183XX ML6101X193XX ML6101X202XX ML6101X212XX ML6101X222XX ML6101X232XX ML6101X242XX ML6101X252XX ML6101X262XX ML6101X272XX ML6101X282XX ML6101X292XX ML6101X302XX ML6101X312XX ML6101X322XX ML6101X332XX ML6101X342XX ML6101X352XX ML6101X362XX ML6101X372XX ML6101X382XX ML6101X392XX ML6101X402XX ML6101X412XX ML6101X422XX ML6101X432XX ML6101X442XX ML6101X452XX ML6101X462XX ML6101X472XX ML6101X482XX ML6101X492XX ML6101X502XX ML6101X512XX ML6101X522XX ML6101X532XX ML6101X542XX ML6101X552XX ML6101X562XX ML6101X572XX ML6101X582XX ML6101X592XX ML6101X602XX Standard Monitor Accuracy Detector Threshold VMON (V) MIN. 1.067 1.164 1.261 1.358 1.455 1.552 1.649 1.746 1.843 1.960 2.058 2.156 2.254 2.352 2.450 2.548 2.646 2.744 2.842 2.940 3.038 3.136 3.234 3.332 3.430 3.528 3.626 3.724 3.822 3.920 4.018 4.116 4.214 4.312 4.410 4.508 4.606 4.704 4.802 4.900 4.998 5.096 5.194 5.292 5.390 5.488 5.586 5.684 5.782 5.880 TYP. 1.100 1.200 1.300 1.400 1.500 1.600 1.700 1.800 1.900 2.000 2.100 2.200 2.300 2.400 2.500 2.600 2.700 2.800 2.900 3.000 3.100 3.200 3.300 3.400 3.500 3.600 3.700 3.800 3.900 4.000 4.100 4.200 4.300 4.400 4.500 4.600 4.700 4.800 4.900 5.000 5.100 5.200 5.300 5.400 5.500 5.600 5.700 5.800 5.900 6.000 Hysteresis Range VHYS (V) Condition Supply Current ISS (uA) TYP. MAX.
3%
2%
MAX. MIN. MAX. 1.133 1.236 1.339 1.442 1.545 1.648 1.751 1.854 1.957 VMON x 0.04 VMON x 0.06 2.040 2.142 2.244 2.346 2.448 2.550 2.652 2.754 2.856 2.958 3.060 3.162 3.264 3.366 3.468 3.570 3.672 3.774 3.876 3.978 4.080 4.182 4.284 4.386 4.488 4.590 VMON x 0.015 VMON x 0.035 4.692 4.794 4.896 4.998 5.100 5.202 5.304 5.406 5.508 5.610 5.712 5.814 5.916 6.018 6.120
VIN = 1.0V
0.8
2.0
VIN = 2.0V
1.0
2.5
VIN = 3.0V
1.3
3.0
VIN = 4.0V
1.6
3.5
VIN = 5.0V
2.0
4.0
P3/11
Rev. A, June 2005
ML6101
Part Number ML6101X113XX ML6101X123XX ML6101X133XX ML6101X143XX ML6101X153XX ML6101X163XX ML6101X173XX ML6101X183XX ML6101X193XX ML6101X202XX ML6101X212XX ML6101X222XX ML6101X232XX ML6101X242XX ML6101X252XX ML6101X262XX ML6101X272XX ML6101X282XX ML6101X292XX ML6101X302XX ML6101X312XX ML6101X322XX ML6101X332XX ML6101X342XX ML6101X352XX ML6101X362XX ML6101X372XX ML6101X382XX ML6101X392XX ML6101X402XX ML6101X412XX ML6101X422XX ML6101X432XX ML6101X442XX ML6101X452XX ML6101X462XX ML6101X472XX ML6101X482XX ML6101X492XX ML6101X502XX ML6101X512XX ML6101X522XX ML6101X532XX ML6101X542XX ML6101X552XX ML6101X562XX ML6101X572XX ML6101X582XX ML6101X592XX ML6101X602XX
Operating Voltage VIN (V) MIN. MAX.
Pch Output Current Pch IOUT (mA) Condition TYP.
Nch Output Current Nch IOUT (mA) Condition TYP.
Transient Delay Time tDLY (ms) MAX.
VDS = 0.5V VIN = 1.0V 1.0
VDS = 0.5V VIN = 2.0V 3.0
VDS = 2.1V 0.8V 10V VIN = 8.0V -10.0
VDS = 0.5V VIN = 3.0V 5.0 0.2
VDS = 0.5V VIN = 4.0V 11.0
VDS = 0.5V VIN = 5.0V 13.0
P4/11
Rev. A, June 2005
ML6101
Pin Configuration
SOT-23-3 SOT-89-3 TO-92
Package Pin Number SOT-23-3 SOT-89-3 TO-92 1 1 1 3 2 2 2 3 3
Pin Name VOUT VIN VSS
Function Supply Voltage Output Supply Voltage Input Ground
P5/11
Rev. A, June 2005
ML6101
Functional Description (Refers to CMOS Output)
1. Firstly, when the Input Voltage (VIN) falls 4. When the Input Voltage (VIN) falls below below the Minimum Operating Voltage the Monitor Release Voltage (VMR) level, (VMIN) level, output becomes unstable. In output at the Output pin (VOUT) is equal to the case of N-channel open drain Ground Voltage (VSS) level until the Input configuration, as the output pin is Voltage (VIN) reaches the Minimum generally pulled-up, the output will be Operating Voltage (VMIN) level. equal to the pull-up voltage. 5. When the Input Voltage (VIN) falls below 2. When the Input Voltage (VIN) rises, output the Minimum Operating Voltage (VMIN) become stable once the voltage has level, output becomes unstable. In the case exceeded VMIN. The Output Voltage (VOUT) of N-channel open drain configuration, as will remain equal to the Ground Voltage the output pin is generally pulled-up, the (VSS) level until the Input Voltage (VIN) output will be equal to the pull-up reaches the Monitor Voltage (VMON) level. voltage. 3. When a voltage higher than the Monitor Voltage (VMON) is applied to the Input Notes : Voltage pin (VIN), output at VOUT will be 1. The difference between VMR and VMF equal to the input at the VIN pin. High represents the Hysteresis Range. impedance exists on the Output pin (VOUT) with the N-channel open drain configuration. If the pin is pulled-up. VOUT will be identical to the pull-up voltage.
Timing Diagram
Input Voltage (VIN ) Monitor Voltage (VMON ) Monitor Release Voltage (VMR )
Minimum Operating Voltage (VMIN ) Ground Voltage (VSS ) Output Voltage (VOUT )
Ground Voltage (VSS ) 1 2 3 4 5
P6/11
Rev. A, June 2005
ML6101
Ordering Information
Designator
a
Description Output Configuration C = CMOS Output N = N-Channel Output Detect Voltage
eg. 30=3.0V 50=5.0V Detect Voltage Accuracy 2 = +2.0% 3 = +3.0% Package Type M = SOT-23-3 P = SOT-89 T = TO-92
b
c
d
e
Device Orientation R = Embossed Tape (Orientation of Device : Right) L = Embossed Tape (Orientation of Device : Left) B = Bag (TO-92) H = Paper Tape (TO-92)
G = Lead Free Part
G
Marking
SOT-23-3 :
Designator
1
Description Type A = Voltage Detector (CMOS Output) B = Voltage Detector (N-channel Output) Output Voltage eg. 30 = 3.0V Internal Code
2,3
4
SOT-89 :
Designator 1 Description Type A = Voltage Detector (CMOS Output) B = Voltage Detector (N-channel Output) Output Voltage eg. 30 = 3.0V Internal Code
2,3 4
TO-92 :
Designator 1 Description Type A = Voltage Detector (CMOS Output) B = Voltage Detector (N-channel Output) Output Voltage eg. 30 = 3.0V Internal code Year Code eg. 05 = Year 2005 Week Code eg. 30 = Week 30
2,3 4 5, 6 7, 8
P7/11
Rev. A, June 2005
ML6101
Packaging Information
(0.8)
SOT-89 :
0.15
-0.1 -0.05
4.5 0.1
1.5 0.1
SOT-23-3
-0.1
0.4 -0.05
1.72 0.1
2.45 0.15
0 ~ 0.1 2.8 0.2
1.6
+1.2 -0.0.1
(0.95)
min. 0.2
0.42 0.06
0.42 0.06 0.49 0.06
1.1 mm
4.25 max
0.4 0.04
1.9 0.2 2.9 0.2
1.1 0.1
1.5 0.1
1.5 0.1
1.27
1.27
5.2 max
4.2 max
TO-92 :
Units : mm
5.3 max
Recommended Pattern Layout
SOT-23 :
2.4
12.7 min
SOT-89
0.9
2.2
45 45
1.9
1.0
1.5
0.8
1. 0
1.0
P8/11
1.6
Rev. A, June 2005
3.7
ML6101
Tape and Reel Information
SOT-23 :
SIZE (mm) A B C D G H 178 0.8 2 0.2 13 0.2 21 0.8 8 0.5 60
3,000 pcs / reel
SOT-23 Taping Specifications :
4 0.1 2 0.05 1.5
+ 0.1 -0
3.5 0.05
1.75 0.1
4 0.1
1.1 0.1
Direction of feed
8 0.2
Direction of feed
"R" type [Orientation of Device: Right] Standard Type
"L" type [Orientation of Device: Left] Reverse Type
P9/11
Rev. A, June 2005
ML6101
SOT-89 :
SIZE (mm) A B C D G H 178 0.8 2 0.2 13 0.2 21 0.8 12 0.5 60
1,000 pcs / reel SOT-89 Taping Specifications :
4.0 0.1 2.0 0.05 1.5
+ 0.1 0
5.65 0.05
1.5 0.1
8.0 0.1
Direction of feed
12.0 0.2
Direction of feed
"R" type [Orientation of Device: Right] Standard Type
"L" type [Orientation of Device: Left] Reverse Type
P10/11
Rev. A, June 2005
ML6101 TO-92 Taping Specifications :
P
H1
H
L1
H0
WO
W2 W1 W P2 F PO D
t
SIZE (mm) P PO P2 F W WO W1 W2 H H0 H1 D t L1 12.7 1.0 12.7 0.3 6.35 0.4 2.5+ 0.45
- 0.15
2,000 pcs / box
18.0 1.0 6.0 0.3 9.0 0.5 0.5 MAX 19.0 0.5 16.0 0.5 32.25 MAX 4.0 0.2 0.6 0.2 3.5 MIN
The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use.
P11/11
Rev. A, June 2005


▲Up To Search▲   

 
Price & Availability of ML6101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X